Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF221 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor MICRF221 Datasheet HTML 13Page - Micrel Semiconductor MICRF221 Datasheet HTML 14Page - Micrel Semiconductor MICRF221 Datasheet HTML 15Page - Micrel Semiconductor MICRF221 Datasheet HTML 16Page - Micrel Semiconductor MICRF221 Datasheet HTML 17Page - Micrel Semiconductor MICRF221 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
14
M9999-100108
(408) 955-1690
RF Ocsillator Calculation
Crystal Y1 is the reference clock for all the device’s
internal circuits. Internally, the device has a Pierce
Oscillator
configuration,
requiring
the
external
capacitors, C9 and C10, to adjust the crystal center
frequency. The exact values for these capacitors
depend
on
the
printed
circuit
board’s
stray
capacitance.
For example, with a top ground plane or longer traces,
the value of these capacitors will be less than 10pF
since there will be more stray capacitance. If a
different layout from the one presented here is used,
the capacitor values are optimized by getting the best
sensitivity of the device. Crystal characteristics of
10pF load capacitance, 30ppm, ESR < 200Ω, -40ºC to
+105ºC
temperature
range
are
desired.
Table 4 shows the crystal frequencies and two of
Micrel’s
approved
crystal
manufactures
(www.hib.com.br or www.abracon.com).
Crystal frequency is calculated using:
REFOSC = RF Carrier/(64+(1.1/12))
The local oscillator is a low side injection type, so for
the 915.0MHz carrier, the local oscillator is calculated
by:
64 × REFOSC = RF Local OSC
64 × 14.27643MHz = 913.69MHz
That is, its frequency is below the RF carrier
frequency and the image frequency is below the LO
frequency. See Figure 8. The product of the incoming
RF signal and local oscillator signal will yield the IF
frequency, which is demodulated by the detector
circuits.
Figure 7. Plotting the Shunt Inductor and Series
Capacitor
Figure 8. Low Side Injection Local Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com