Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF221 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 14Page - Micrel Semiconductor MICRF221 Datasheet HTML 15Page - Micrel Semiconductor MICRF221 Datasheet HTML 16Page - Micrel Semiconductor MICRF221 Datasheet HTML 17Page - Micrel Semiconductor MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor MICRF221 Datasheet HTML 20Page - Micrel Semiconductor MICRF221 Datasheet HTML 21Page - Micrel Semiconductor MICRF221 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
18
M9999-100108
(408) 955-1690
T1 < 0.1 us, Time from SCLK to convert DO to input
pin
T6 > 0.1 us, SCLK high time
T7 > 0.1 us, SCLK low time
T2, T3, T4, T5, T8, T9, T10 > 0.1 us
DO PIN AS OUTPUT
DO
D1
“1”
“0”
“1”
DO
SCLK
T10
BIT TIME 18
BIT TIME 19
Figure 14. Serial Interface Stop Sequence
Serial Interface Examples
All bits (D19 through D0) low (channel 1 is the DO pin,
and Channel 2 is the SCLK pin), see Figure 15.
Figure 15. All bits 0s.
All bits (D19 through D0) High, Figure 16.
Figure 16 All bits 1s.
Only bits 19 and 18 High, Figure 17.
Figure 17 D19 = D18 = 1.
Autopoll example, Figure 18.
D0 = D1 = D2 = 0, no desense
D3 = D4 = 0, demodulator bandwidth = 1712 hertz, 1
kHz baud rate, pulse = 500 usec, required
demodulator bandwidth is 0.65/500usec = 1300 hertz
D5 = D6 = 1, Slice level = 50%
D7 = 0, D8 = 1, bit check = 4 bits. This is the time the
device is ON checking for four consecutive valid
windows.
D9 = D10 = 1, D11 = 0, data rate is 1 kHz, (500 usec
pulses), window set to 433 usec (< 500 usec)
D12 = D13 = 0, D14 = 1, sleep timer set to 160 msec,
that is, 4 bit is ON and 160 msec is OFF.
D15 = 1, device is placed in autopoll
D16 = 0, normal demodulator bandwidth
D17 = 0, squelch is OFF
D18 = 1, watchdog timer is OFF
D19 = 0, no RSSI offset
From MSB to LSB, see Table 7:
D19
D18
D17
D16
D15
D14
D13
D12
0
1
0
0
1
1
0
0
D11 D10 D9
D8
D7
D6
D5
0
1
1
1
0
1
1
D4
D3
D2
D1
D0
0
0
0
0
0
Table 7. Autopoll example bit sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com