Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF221 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor MICRF221 Datasheet HTML 20Page - Micrel Semiconductor MICRF221 Datasheet HTML 21Page - Micrel Semiconductor MICRF221 Datasheet HTML 22Page - Micrel Semiconductor MICRF221 Datasheet HTML 23Page - Micrel Semiconductor MICRF221 Datasheet HTML 24Page - Micrel Semiconductor MICRF221 Datasheet HTML 25Page - Micrel Semiconductor MICRF221 Datasheet HTML 26Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
24
M9999-100108
(408) 955-1690
Item
Part Number
Manufacturer
Description
Qty.
R3,R4
Vishay
100kΩ , 0402/0603
2
R5,R6,R7
Vishay
0Ω , 0402/0603
3
Y1
HC49
www.hib.com.br
www.abracon.com
13.54856MHz Crystal, 10pF load,, 30ppm, -40 to +105
operating temperature
1
U1
MICRF221AYQS
Micrel
Semiconductor
QSOP16
1
Table 8. QR221BPF Bill of Materials, 868.35 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com