Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN140N20P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN140N20P
Description  PolarHT HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN140N20P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN140N20P Datasheet HTML 1Page - IXYS Corporation IXFN140N20P Datasheet HTML 2Page - IXYS Corporation IXFN140N20P Datasheet HTML 3Page - IXYS Corporation IXFN140N20P Datasheet HTML 4Page - IXYS Corporation IXFN140N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
200
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
μA
V
GS = 0 V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10 V, ID = 70 A
18
m
Ω
V
GS = 15 V, ID = 140A
14
m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
200
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
115
A
I
D(RMS)
External lead current limit
100
A
I
DM
T
C = 25°C, pulse width limited by TJM
280
A
I
AR
T
C = 25°C60
A
E
AR
T
C = 25°C
100
mJ
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 4 Ω
P
D
T
C = 25°C
680
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
M
d
Terminal torque
1.13/10 Nm/lb.in.
Mounting torque
1.13/10 Nm/lb.in.
Weight
30
g
DS99245E(03/06)
PolarHTTM HiPerFET
Power MOSFET
IXFN 140N20P
N-Channel Enhancement Mode
Fast Intrinsic Diode
Features
International standard package
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Fast intrinsic diode
Advantages
Easy to mount
Space savings
High power density
V
DSS
= 200
V
I
D25
=115
A
R
DS(on) ≤
≤≤≤≤ 18 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 150 ns
Either source tab S can be used forsource
current or Kelvin gate return.
G
D
S
S
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source


Similar Part No. - IXFN140N20P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN140N25T IXYS-IXFN140N25T Datasheet
125Kb / 5P
GigaMOS HiperFET Power MOSFET
More results

Similar Description - IXFN140N20P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN180N15P IXYS-IXFN180N15P Datasheet
151Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFH74N20P IXYS-IXFH74N20P Datasheet
706Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFH150N15P IXYS-IXFH150N15P Datasheet
109Kb / 5P
PolarHT??HiPerFET Power MOSFET
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
PolarHT Power MOSFET HiPerFET
IXFH52N30P IXYS-IXFH52N30P Datasheet
190Kb / 5P
PolarHT Power MOSFET HiPerFET
IXFH96N20P IXYS-IXFH96N20P Datasheet
231Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFH110N10P IXYS-IXFH110N10P Datasheet
314Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFK102N30P IXYS-IXFK102N30P Datasheet
138Kb / 2P
PolarHT HiPerFET Power MOSFET
IXFK140N20P IXYS-IXFK140N20P Datasheet
231Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFR102N30P IXYS-IXFR102N30P Datasheet
157Kb / 5P
PolarHT HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com