Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN140N20P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN140N20P
Description  PolarHT HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN140N20P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN140N20P Datasheet HTML 1Page - IXYS Corporation IXFN140N20P Datasheet HTML 2Page - IXYS Corporation IXFN140N20P Datasheet HTML 3Page - IXYS Corporation IXFN140N20P Datasheet HTML 4Page - IXYS Corporation IXFN140N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFN 140N20P
Fig. 2. Exte nde d Output Char acte r is tics
@ 25
ºC
0
30
60
90
120
150
180
210
240
270
300
01
23
45
6
7
8
9
10
V D S - V olts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Char acte r is tics
@ 150
ºC
0
20
40
60
80
100
120
140
01
23456
V D S - V olts
V
GS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Char acte r is tics
@ 25
ºC
0
20
40
60
80
100
120
140
00.5
11.5
22.5
V D S - V olts
V
GS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on
) No r m aliz e d t o ID = 70A
V alue vs . Junction Te m pe r atur e
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
I
D = 140A
I
D = 70A
V
GS = 10V
Fig. 5. RDS(on) Norm alize d to
ID = 70A V alue vs . Drain Curre nt
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
I D - A mperes
T
J = 25ºC
V
GS = 10V
T
J = 175ºC
VGS = 15V
Fig. 6. Dr ain Cu r r e nt vs . C as e
Te m p e r atur e
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com