Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN140N20P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN140N20P
Description  PolarHT HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN140N20P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN140N20P Datasheet HTML 1Page - IXYS Corporation IXFN140N20P Datasheet HTML 2Page - IXYS Corporation IXFN140N20P Datasheet HTML 3Page - IXYS Corporation IXFN140N20P Datasheet HTML 4Page - IXYS Corporation IXFN140N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 140N20P
Fig. 11. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
V DS - V olts
Ciss
Coss
Crss
f = 1M Hz
Fig. 10. Gate Char ge
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100 125 150 175 200 225 250
Q G - nanoCoulombs
V
DS = 100V
I
D = 70A
I
G = 10m A
Fig. 7. Input Adm ittance
0
25
50
75
100
125
150
175
200
225
44.5
55.5
66.5
77.5
8
V G S - V olts
T
J = 150ºC
25
ºC
-40
ºC
Fig. 8. Tr ans conductance
0
10
20
30
40
50
60
70
80
90
100
110
120
0
40
80
120
160
200
240
I D - A mperes
T
J = -40ºC
25
ºC
150
ºC
Fig. 9. Sour ce Cur r e nt vs .
Sour ce -To-Dr ain V oltage
0
50
100
150
200
250
300
350
0.4
0.6
0.8
1
1.2
1.4
V S D - V olts
T
J = 150ºC
T
J = 25ºC
Fig . 12. For w ar d-Bias
Safe Ope r ating Ar e a
1
10
100
1000
1
10
100
1000
V D S - V olts
100µs
1m s
DC
T
J = 175ºC
T
C = 25ºC
R
DS (on) Lim it
10m s
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com