Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4101T Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 20Page - NXP Semiconductors SSL4101T Datasheet HTML 21Page - NXP Semiconductors SSL4101T Datasheet HTML 22Page - NXP Semiconductors SSL4101T Datasheet HTML 23Page - NXP Semiconductors SSL4101T Datasheet HTML 24Page - NXP Semiconductors SSL4101T Datasheet HTML 25Page - NXP Semiconductors SSL4101T Datasheet HTML 26Page - NXP Semiconductors SSL4101T Datasheet HTML 27Page - NXP Semiconductors SSL4101T Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
24 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
11. Application information
A power supply with the SSL4101T consists of a power factor correction circuit followed
by a flyback converter. See Figure 14.
Capacitor CVCC buffers the IC supply voltage, which is powered via the high voltage
rectified mains during start-up and via the auxiliary winding of the flyback converter during
operation. Sense resistors RSENSE1 and RSENSE2 convert the current through the
MOSFETs S1 and S2 into a voltage at pins PFCSENSE and FBSENSE. The values of
RSENSE1 and RSENSE2 define the maximum primary peak current in MOSFETs S1 and S2.
In the example given, the LATCH pin is connected to a Negative Temperature Coefficient
(NTC) resistor. When the resistance drops below Equation 3 (typ), the protection is
activated.
(3)
A capacitor CTIMEOUT is connected to the FBCTRL pin. For a 120 nF capacitor, typically
after 10 ms the time-out protection is activated. RLOOP is added so that the time-out
capacitor does not interfere with the normal regulation loop.
RS1 and RS2 are added to prevent the soft start capacitors from being charged during
normal operation due to negative voltage spikes across the sense resistors.
Resistor RAUX1 is added to protect the IC from damage during lightning events.
Fig 15. Typical application diagram SSL4101T
V
prot LATCH
()
I
OLATCH
()
-------------------------------
15.6 k
Ω
=
12
11
9 16 13
8
6
7
3
2
10
4
1
SSL4101T
014aaa302
RS2
RSS2
CSS2
D2
COUT
T2
RAUX2
RSENSE2
CVCC
5
RS1
Cbus
D1
S1
CSS1
RSS1
RSENSE1
CTIMEOUT
RLOOP
COMPENSATION
RAUX1
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com