Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4101T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL4101T Datasheet HTML 1Page - NXP Semiconductors SSL4101T Datasheet HTML 2Page - NXP Semiconductors SSL4101T Datasheet HTML 3Page - NXP Semiconductors SSL4101T Datasheet HTML 4Page - NXP Semiconductors SSL4101T Datasheet HTML 5Page - NXP Semiconductors SSL4101T Datasheet HTML 6Page - NXP Semiconductors SSL4101T Datasheet HTML 7Page - NXP Semiconductors SSL4101T Datasheet HTML 8Page - NXP Semiconductors SSL4101T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The GreenChip III+ is the third generation of green Switched Mode Power Supply (SMPS)
controller ICs. The SSL4101T combines a controller for Power Factor Correction (PFC)
and a flyback controller. Its high level of integration allows the design of a cost-effective
LED lighting application power supply with a very low number of external components.
The special built-in green functions provide high efficiency at all power levels. This applies
to quasi-resonant operation at high power levels, quasi-resonant operation with valley
skipping, as well as to reduced frequency operation at lower power levels. At low power
levels, the PFC switches off to maintain high efficiency.
During low power conditions, the flyback controller switches to frequency reduction mode
and limits the peak current to 25 % of its maximum value. This will ensure high efficiency
at low power and good standby power performance while minimizing audible noise from
the transformer.
The SSL4101T is a MultiChip Module, (MCM), containing two chips. The proprietary high
voltage BCD800 process which makes direct start-up possible from the rectified universal
mains voltage in an effective and green way. The second low voltage SiIlicon On Insulator
(SIO) is used for accurate, high speed protection functions and control.
The SSL4101T enables extremely efficient and reliable LED lighting application power
supplies with power requirements from 10 W to 300 W, to be designed easily and with a
minimum number of external components.
The new SSL4101T allows a typical 150 W LED lighting application power supply
(universal input, 48 V (DC) output, TEA1761T on the secondary side for Synchronous
Rectification) to achieve the following performances at full load:
120 V (AC): 92 % efficiency, 0.998 PF, 5.8 % THD, < 190 mW standby power
277 V (AC): 94 % efficiency, 0.978 PF, 9 % THD, < 350 mW standby power
1.1 Industry standard THD, low standby input power and high-efficiency
The SSL4101T enables LED lighting application power supplies to achieve the industry
standard of < 20 % THD for the input current at full load and all nominal input voltages:
100 V (AC), 120 V (AC), 230 V (AC), 240 V (AC) and 277 V (AC).
Extremely low input power in Standby mode eliminates the need for an additional
housekeeping power supply to power the lighting controllers/dimmers.
SSL4101T
GreenChip III+ SMPS control IC
Rev. 1 — 21 April 2011
Product data sheet


Similar Part No. - SSL4101T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
Resonant power supply control IC with PFC
Rev. 1-21 June 2012
More results

Similar Description - SSL4101T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
GreenChip SMPS control IC
2003 Sep 09
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1751T NXP-TEA1751T Datasheet
264Kb / 29P
GreenChip III SMPS control IC
Rev. 02-23 December 2009
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
GreenChip SMPS control IC
Rev. 2-15 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com