Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4101T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL4101T
Description  GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4101T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL4101T Datasheet HTML 11Page - NXP Semiconductors SSL4101T Datasheet HTML 12Page - NXP Semiconductors SSL4101T Datasheet HTML 13Page - NXP Semiconductors SSL4101T Datasheet HTML 14Page - NXP Semiconductors SSL4101T Datasheet HTML 15Page - NXP Semiconductors SSL4101T Datasheet HTML 16Page - NXP Semiconductors SSL4101T Datasheet HTML 17Page - NXP Semiconductors SSL4101T Datasheet HTML 18Page - NXP Semiconductors SSL4101T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SSL4101T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2011
15 of 29
NXP Semiconductors
SSL4101T
GreenChip III+ SMPS control IC
7.3.6 Soft start-up (FBSENSE pin)
To prevent audible transformer noise during start-up, the transformer peak current, IDM is
slowly increased by the soft start function. This can be achieved by inserting a resistor and
a capacitor between pin 10, FBSENSE, and the current sense resistor.
An internal current source charges the capacitor to V = Istart(soft)fb × RSS2, with a maximum
of approximately 0.5 V.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS2 and CSS2.
The soft start current Istart(soft)fb is switched on as soon as VCC reaches Vstartup. When the
voltage on pin FBSENSE has reached 0.5 V, the flyback converter starts switching.
The charging current Istart(soft)(PFC) flows as long as the voltage on pin FBSENSE is below
approximately 0.5 V. If the voltage on pin FBSENSE exceeds 0.5 V, the soft start current
source starts limiting the current. After the flyback converter has started, the soft start
current source is switched off.
Fig 10. Time-out protection circuit
Fig 11. Time-out protection (signals), safe restart in the SSL4101T
014aaa049
FBCTRL
2.5 V
4.5 V
30
μA
3 k
Ω
3.5 V
time-out
014aaa050
4.5 V
2.5 V
VFBCTRL
output
voltage
intended output
voltage not
reached within
time-out time.
intended output voltage
reached within time-out
time.
restart
τsoftstart
3
R
SS2
C
SS2
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com