Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP450 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP450_10 Datasheet HTML 3Page - Infineon Technologies AG BFP450_10 Datasheet HTML 4Page - Infineon Technologies AG BFP450_10 Datasheet HTML 5Page - Infineon Technologies AG BFP450_10 Datasheet HTML 6Page - Infineon Technologies AG BFP450_10 Datasheet HTML 7Page - Infineon Technologies AG BFP450_10 Datasheet HTML 8Page - Infineon Technologies AG BFP450_10 Datasheet HTML 9Page - Infineon Technologies AG BFP450_10 Datasheet HTML 10Page - Infineon Technologies AG BFP450_10 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
1
2
3
4
Product Name
Package
Pin Configuration
Marking
BFP450
SOT343
1 = B
2 = E
3 = C
4 = E
ANs
High Linearity Low Noise Si NPN RF Transistor
BFP450
Data Sheet
7
Revision 1.0, 2010-10-22
1
Features
•
Highly linear low noise driver amplifier for all RF frontends
up to 2.5 GHz
•
Output compression point
OP
1dB = 18.5 dBm
at 90 mA, 3 V, 1.9 GHz, 50 Ω system
•
Output 3rd order intermodulation point
OIP
3 = 31 dBm
at 90 mA, 3 V, 1.9 GHz, 50 Ω system
•
Maximum available gain
G
ma = 15.5 dB at 50 mA, 3 V, 1.9 GHz
•
Minimum noise figure
NF
min = 1.7 dB at 50 mA, 3 V, 1.9 GHz
•
Based on Infineon´s reliable, high volume 25 GHz SIEGET™ line
•
Easy to use Pb-free (RoHS compliant) standard package with visible
leads
•
Qualified according AEC Q101
Application Examples
Driver amplifier
•
ISM bands 434 and 868 MHz
•
1.9 GHz cordless phones
•
CATV LNA
Transmitter driver amplifier
•
2.4 GHz WLAN and Bluetooth
Output stage LNA for active antennas
•
TV, GPS, SDARS, 2.4 GHz WLAN, etc
Suitable for 3 - 5.5 GHz oscillators
Attention: ESD (Electrostatic discharge) sensitive device, observe handling precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com