Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP450 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP450_10 Datasheet HTML 4Page - Infineon Technologies AG BFP450_10 Datasheet HTML 5Page - Infineon Technologies AG BFP450_10 Datasheet HTML 6Page - Infineon Technologies AG BFP450_10 Datasheet HTML 7Page - Infineon Technologies AG BFP450_10 Datasheet HTML 8Page - Infineon Technologies AG BFP450_10 Datasheet HTML 9Page - Infineon Technologies AG BFP450_10 Datasheet HTML 10Page - Infineon Technologies AG BFP450_10 Datasheet HTML 11Page - Infineon Technologies AG BFP450_10 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
BFP450
Maximum Ratings
Data Sheet
8
Revision 1.0, 2010-10-22
2
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Collector emitter voltage
V
CEO
Open base
–4.5
V
T
A = 25 °C
–4.1
V
T
A = -55 °C
Collector emitter voltage
V
CES
–
15
V
Emitter / base shortened
Collector base voltage
V
CBO
–
15
V
Open emitter
Emitter base voltage
V
EBO
–
1.5
V
Open collector
Collector current
I
C
–170
mA
–
Base current
I
B
–10
mA
–
Total power dissipation1)
1)T
S is the soldering point temperature. TS measured on the emitter lead at the soldering point of the pcb.
P
tot
–500
mW
T
S ≤ 90 °C
Junction temperature
T
J
–150
°C
–
Storage temperature
T
Stg
-65
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com