Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP450 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BFP450_10 Datasheet HTML 9Page - Infineon Technologies AG BFP450_10 Datasheet HTML 10Page - Infineon Technologies AG BFP450_10 Datasheet HTML 11Page - Infineon Technologies AG BFP450_10 Datasheet HTML 12Page - Infineon Technologies AG BFP450_10 Datasheet HTML 13Page - Infineon Technologies AG BFP450_10 Datasheet HTML 14Page - Infineon Technologies AG BFP450_10 Datasheet HTML 15Page - Infineon Technologies AG BFP450_10 Datasheet HTML 16Page - Infineon Technologies AG BFP450_10 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
BFP450
Electrical Characteristics
Data Sheet
13
Revision 1.0, 2010-10-22
Table 8
AC Characteristics,
V
CE = 3 V, f = 1.5 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum power gain
dB
High linearity operation point
G
ma
–18
–
I
C =50mA
Class A operation point
G
ma
–18
–
I
C =90mA
Transducer gain
dB
Z
S = ZL = 50 Ω
High linearity operation point
S
21
–14
–
I
C =50mA
Class A operation point
S
21
–14
–
I
C =90mA
Minimum noise figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–1.65
–
I
C =50mA
Associated gain
G
ass
–17
–
I
C =50mA
Linearity
dBm
Z
S = ZL = 50 Ω
1 dB gain compression point
OP
1dB
–19
–
I
C =90mA
3rd order intercept point
OIP
3
–31
–
I
C =90mA
Table 9
AC Characteristics,
V
CE = 3 V, f = 1.9 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum power gain
dB
High linearity operation point
G
ma
–15.5
–
I
C =50mA
Class A operation point
G
ma
–15.5
–
I
C =90mA
Transducer gain
dB
Z
S = ZL = 50 Ω
High linearity operation point
S
21
9.5
11.5
–
I
C =50mA
Class A operation point
S
21
–11.5
–
I
C =90mA
Minimum noise figure
dB
Z
S = Zopt
Minimum noise figure
NF
min
–1.7
–
I
C =50mA
Associated gain
G
ass
–14
–
I
C =50mA
Linearity
dBm
Z
S = ZL = 50 Ω
1 dB gain compression point
OP
1dB
–19
–
I
C =90mA
3rd order intercept point
OIP
3
–31
–
I
C =90mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com