Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA302 Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC24F16KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA302 Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC24F16KA302 Datasheet HTML 89Page - Microchip Technology PIC24F16KA302 Datasheet HTML 90Page - Microchip Technology PIC24F16KA302 Datasheet HTML 91Page - Microchip Technology PIC24F16KA302 Datasheet HTML 92Page - Microchip Technology PIC24F16KA302 Datasheet HTML 93Page - Microchip Technology PIC24F16KA302 Datasheet HTML 94Page - Microchip Technology PIC24F16KA302 Datasheet HTML 95Page - Microchip Technology PIC24F16KA302 Datasheet HTML 96Page - Microchip Technology PIC24F16KA302 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 93
PIC24FV32KA304 FAMILY
REGISTER 8-11:
IEC0: INTERRUPT ENABLE CONTROL REGISTER 0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NVMIE
—
AD1IE
U1TXIE
U1RXIE
SPI1IE
SPF1IE
T3IE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
T2IE
OC2IE
IC2IE
—
T1IE
OC1IE
IC1IE
INT0IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
NVMIE:
NVM Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
AD1IE:
A/D Conversion Complete Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 12
U1TXIE:
UART1 Transmitter Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 11
U1RXIE:
UART1 Receiver Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 10
SPI1IE:
SPI1 Transfer Complete Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 9
SPF1IE:
SPI1 Fault Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 8
T3IE:
Timer3 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 7
T2IE:
Timer2 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 6
OC2IE:
Output Compare Channel 2 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 5
IC2IE:
Input Capture Channel 2 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 4
Unimplemented:
Read as ‘0’
bit 3
T1IE:
Timer1 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 2
OC1IE:
Output Compare Channel 1 Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com