Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA302 Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC24F16KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA302 Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC24F16KA302 Datasheet HTML 95Page - Microchip Technology PIC24F16KA302 Datasheet HTML 96Page - Microchip Technology PIC24F16KA302 Datasheet HTML 97Page - Microchip Technology PIC24F16KA302 Datasheet HTML 98Page - Microchip Technology PIC24F16KA302 Datasheet HTML 99Page - Microchip Technology PIC24F16KA302 Datasheet HTML 100Page - Microchip Technology PIC24F16KA302 Datasheet HTML 101Page - Microchip Technology PIC24F16KA302 Datasheet HTML 102Page - Microchip Technology PIC24F16KA302 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 99
PIC24FV32KA304 FAMILY
REGISTER 8-17:
IPC0: INTERRUPT PRIORITY CONTROL REGISTER 0
U-0
R/W-1
R/W-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
T1IP2
T1IP1
T1IP0
—
OC1IP2
OC1IP1
OC1IP0
bit 15
bit 8
U-0
R/W-1
R/W-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
IC1IP2
IC1IP1
IC1IP0
—
INT0IP2
INT0IP1
INT0IP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
T1IP<2:0>:
Timer1 Interrupt Priority bits
111
= Interrupt is Priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is Priority 1
000
= Interrupt source is disabled
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
OC1IP<2:0>:
Output Compare Channel 1 Interrupt Priority bits
111
= Interrupt is Priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is Priority 1
000
= Interrupt source is disabled
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
IC1IP<2:0>:
Input Capture Channel 1 Interrupt Priority bits
111
= Interrupt is Priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is Priority 1
000
= Interrupt source is disabled
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
INT0IP<2:0>:
External Interrupt 0 Priority bits
111
= Interrupt is Priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is Priority 1
000
= Interrupt source is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com