Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA302 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24F16KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA302 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24F16KA302 Datasheet HTML 12Page - Microchip Technology PIC24F16KA302 Datasheet HTML 13Page - Microchip Technology PIC24F16KA302 Datasheet HTML 14Page - Microchip Technology PIC24F16KA302 Datasheet HTML 15Page - Microchip Technology PIC24F16KA302 Datasheet HTML 16Page - Microchip Technology PIC24F16KA302 Datasheet HTML 17Page - Microchip Technology PIC24F16KA302 Datasheet HTML 18Page - Microchip Technology PIC24F16KA302 Datasheet HTML 19Page - Microchip Technology PIC24F16KA302 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 16
 2011 Microchip Technology Inc.
TABLE 1-2:
DEVICE FEATURES FOR THE PIC24F32KA304 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
16K
32K
16K
32K
16K
32K
Program Memory (instructions)
5632
11264
5632
11264
5632
11264
Data Memory (bytes)
2048
Data EEPROM Memory (bytes)
512
Interrupt Sources (soft vectors/
NMI traps)
30 (26/4)
I/O Ports
PORTA<6:0>,
PORTB<15:12, 9:7, 4, 2:0>
PORTA<7:0>,
PORTB<15:0>
PORTA<11:0>,
PORTB<15:0>,
PORTC<9:0>
Total I/O Pins
18
24
39
Timers: Total Number (16-bit)
5
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
3
Output Compare/PWM Channels
3
Input Change Notification Interrupt
17
23
38
Serial Communications: UART
SPI (3-wire/4-wire)
2
I2C™
2
12-Bit Analog-to-Digital Module
(input channels)
12
13
16
Analog Comparators
3
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
20-Pin
PDIP/SSOP/SOIC
28-Pin
SPDIP/SSOP/SOIC/QFN
44-Pin QFN/TQFP
48-Pin UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com