Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS361 Datasheet(PDF) 40 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 40 Page - Microchip Technology

Back Button HCS361_11 Datasheet HTML 34Page - Microchip Technology HCS361_11 Datasheet HTML 35Page - Microchip Technology HCS361_11 Datasheet HTML 36Page - Microchip Technology HCS361_11 Datasheet HTML 37Page - Microchip Technology HCS361_11 Datasheet HTML 38Page - Microchip Technology HCS361_11 Datasheet HTML 39Page - Microchip Technology HCS361_11 Datasheet HTML 40Page - Microchip Technology HCS361_11 Datasheet HTML 41Page - Microchip Technology HCS361_11 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
HCS361
DS40146F-page 40
© 2011 Microchip Technology Inc.
HCS361 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Package:
P=
Plastic DIP (300 mil Body), 8-lead
SN =
Plastic SOIC (150 mil Body), 8-lead
Temperature
Blank =
0°C to +70°C
Range:
I = –40°C to +85°C
Device:
HCS361
Code Hopping Encoder
HCS361T
Code Hopping Encoder (Tape and Reel)
HCS361 —
/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com