Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS361 Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS361_11 Datasheet HTML 10Page - Microchip Technology HCS361_11 Datasheet HTML 11Page - Microchip Technology HCS361_11 Datasheet HTML 12Page - Microchip Technology HCS361_11 Datasheet HTML 13Page - Microchip Technology HCS361_11 Datasheet HTML 14Page - Microchip Technology HCS361_11 Datasheet HTML 15Page - Microchip Technology HCS361_11 Datasheet HTML 16Page - Microchip Technology HCS361_11 Datasheet HTML 17Page - Microchip Technology HCS361_11 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
HCS361
DS40146F-page 14
© 2011 Microchip Technology Inc.
5.0
SPECIAL FEATURES
5.1
Code Word Completion
Code word completion is an automatic feature that
ensures that the entire code word is transmitted, even
if the button is released before the transmission is com-
plete and that a minimum of two words are completed.
The HCS361 encoder powers itself up when a button is
pushed and powers itself down after the current trans-
mission is finished, if the user has already released the
button. If the button is held down beyond the time for
two transmissions, then multiple transmissions will
result. The HCS361 transmits at least two transmis-
sions before powering down. If another button is acti-
vated during a transmission, the active transmission
will be aborted and the new code will be generated
using the new button information.
5.2
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on fundamental power and
harmonics that can be transmitted. Power is calculated
on the worst case average power transmitted in a 100
ms window. It is therefore advantageous to minimize
the duty cycle of the transmitted word. This can be
achieved by minimizing the duty cycle of the individual
bits and by blanking out consecutive words. Blank
Alternate Code Word (BACW) is used for reducing the
average power of a transmission (Figure 5-1). This is a
selectable feature. Using the BACW allows the user to
transmit a higher amplitude transmission if the
transmission length is shorter. The FCC puts
constraints on the average power that can be
transmitted by a device, and BACW effectively
prevents continuous transmission by only allowing the
transmission of every second word. This reduces the
average power transmitted and hence, assists in FCC
approval of a transmitter device.
5.3
CRC (Cycle Redundancy Check)
Bits
The CRC bits are calculated on the 65 previously trans-
mitted bits. The CRC bits can be used by the receiver
to check the data integrity before processing starts. The
CRC can detect all single bit and 66% of double bit
errors. The CRC is computed as follows:
EQUATION 5-1:
CRC Calculation
and
with
and
Din the nth transmission bit 0 ð n ð 64
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
Note: The CRC may be wrong when the battery
voltage is around either of the VLOW trip
points. This may happen because VLOW is
sampled twice each transmission, once for
the CRC calculation (PWM is low) and once
when VLOW is transmitted (PWM is high).
VDD tends to move slightly during a transmis-
sion which could lead to a different value for
VLOW being used for the CRC calculation
and the transmission
.
Work around: If the CRC calculation is incor-
rect, recalculate for the opposite value of
VLOW.
CRC 1
[]n 1
+
CRC 0
[]n Din
∧
=
CRC 0
[]n 1
+
CRC 0
[]n Din
∧
() CRC 1
[]n
∧
=
CRC 10
,
[]0
0
=
Code Word
BRS = 0
BRS = 1
A
2A
Time
Code Word
Code Word
Code Word
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com