Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS361 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS361_11 Datasheet HTML 7Page - Microchip Technology HCS361_11 Datasheet HTML 8Page - Microchip Technology HCS361_11 Datasheet HTML 9Page - Microchip Technology HCS361_11 Datasheet HTML 10Page - Microchip Technology HCS361_11 Datasheet HTML 11Page - Microchip Technology HCS361_11 Datasheet HTML 12Page - Microchip Technology HCS361_11 Datasheet HTML 13Page - Microchip Technology HCS361_11 Datasheet HTML 14Page - Microchip Technology HCS361_11 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
© 2011 Microchip Technology Inc.
DS40146F-page 11
HCS361
3.5.14
IND: INDEPENDENT MODE
The Independent mode can be used where one
encoder is used to control two receivers. Two counters
(SYNC_A and SYNC_B) are used in Independent
mode. As indicated in Table 3-2, function codes 1 to 7
use SYNC_A and 8 to 15 SYNC_B.
3.5.15
INFRARED MODE
The Independent mode also selects IR mode. In IR
mode function codes 12 to 15 will use counter B. The
PWM output signal is modulated with a 40 kHz carrier
(see Table 3-1). It must be pointed out that the 40 kHz
is derived from the internal clock and will therefore vary
with the same percentage as the baud rate. If IND = 0,
SYNC_A is used for all function codes. If IND = 1, Inde-
pendent mode is enabled and counters for functions
are used according to Table 3-2.
TABLE 3-1:
IR MODULATION
TABLE 3-2:
FUNCTION CODES
Note 1: IR mode
TE
Basic Pulse
400us
200us
100us
(400
μs)
(16x)
(200
μs)
(8x)
Period = 25
μs
(100
μs)
(4x)
S3
S2
S1
S0
IND = 0
IND = 1
Comments
Counter
10
00
1
A
A
20
01
0
A
A
30
01
1
A
A
If SEED = 1, transmit seed after delay.(1)
40
10
0
A
A
50
10
1
A
A
60
11
0
A
A
70
11
1
A
A
81
00
0
A
B
91
00
1
A
B
If SEED = 1, transmit seed immediately.(1)
10
10
10
A
B
11
10
11
A
B
12
11
00
A
B(1)
13
11
01
A
B(1)
14
11
10
A
B(1)
15
11
11
A
B(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com