Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS515_11 Datasheet HTML 20Page - Microchip Technology HCS515_11 Datasheet HTML 21Page - Microchip Technology HCS515_11 Datasheet HTML 22Page - Microchip Technology HCS515_11 Datasheet HTML 23Page - Microchip Technology HCS515_11 Datasheet HTML 24Page - Microchip Technology HCS515_11 Datasheet HTML 25Page - Microchip Technology HCS515_11 Datasheet HTML 26Page - Microchip Technology HCS515_11 Datasheet HTML 27Page - Microchip Technology HCS515_11 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
HCS515
DS40183E-page 24
© 2011 Microchip Technology Inc.
FIGURE 9-1:
RESET WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
TABLE 9-1:
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.(†)
Max.
Units
Conditions
VDD
Supply voltage
4.5
5.5
V
VPOR
VDD start voltage to
ensure RESET
Vss
V
SVDD
VDD rise rate to
ensure RESET
0.05*
V/ms
IDD
Supply current
1.8
2.
mA
FOSC = 4 MHz, VDD = 5.5V
IPD
Power-Down Current
10
50
μAVDD = 4.5V
VIL
Input low voltage
VSS
—V
MCLR = .2 VDD
VSS
—0.8
V
VDD between 4.5V and 5.5V
VIH
Input high voltage
0.25 VDD + 0.8
VDD
VVDD between 4.5V and 5.5V
V
Except MCLR = 0.80 VDD
VOL
Output low voltage
0.6
V
IOL = 8.5 mA, VDD = 4.5V
VOH
Output high voltage
VDD - 0.7
V
IOH = -3 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
° C unless otherwise stated. These parameters are for design guidance only
and are not tested.
* These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
TABLE 9-2:
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
TE
Transmit elemental period
65
660
μs—
TOD
Output delay
48
75
237
ms
TMCLR
MCLR low time
150
ns
TOV
Time output valid
150
222
ms
Note:
These parameters are characterized but not tested.
VDD
MCLR
I/O Pins
Tov
TMCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com