Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 27 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCS515_11 Datasheet HTML 23Page - Microchip Technology HCS515_11 Datasheet HTML 24Page - Microchip Technology HCS515_11 Datasheet HTML 25Page - Microchip Technology HCS515_11 Datasheet HTML 26Page - Microchip Technology HCS515_11 Datasheet HTML 27Page - Microchip Technology HCS515_11 Datasheet HTML 28Page - Microchip Technology HCS515_11 Datasheet HTML 29Page - Microchip Technology HCS515_11 Datasheet HTML 30Page - Microchip Technology HCS515_11 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 27
HCS515
FIGURE 9-2:
TYPICAL MICROCONTROLLER INTERFACE CIRCUIT
9.1.8
LEARN STATUS STRING
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TDHI
Command request time
500
ms
TCLA
Microcontroller command
request time
0.005
500
ms
TACT
Decoder request acknowledge time
10
μs
TCLH
Clock high hold time
1.2
ms
TCLL
Clock low hold time
0.020
1.2
ms
TCLKH
Clock high time
20
1000
μs
TCLKL
Clock low time
20
1000
μs
FCLK
Clock frequency
500
25000
Hz
TDS
Data hold time
5
μs
Note:
These parameters are characterized but not tested.
VDD
VI
G
N
D
VO
MCP100-450
Voltage Supervisor
NC
NC
VDD
S1
S0
MCLR
NC
NC
NC
VSS
RF_IN
S_CLK
S_DAT
NC
1
2
3
4
5
6
78
9
10
11
12
13
14
X
X
X
X
X
X
X
X
VDD
RF
Receiver
Microcontroller
RST
In-circuit
Programming
Probe Pads
10K
HCS515
CLK
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com