Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS515 Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS515_11 Datasheet HTML 22Page - Microchip Technology HCS515_11 Datasheet HTML 23Page - Microchip Technology HCS515_11 Datasheet HTML 24Page - Microchip Technology HCS515_11 Datasheet HTML 25Page - Microchip Technology HCS515_11 Datasheet HTML 26Page - Microchip Technology HCS515_11 Datasheet HTML 27Page - Microchip Technology HCS515_11 Datasheet HTML 28Page - Microchip Technology HCS515_11 Datasheet HTML 29Page - Microchip Technology HCS515_11 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
HCS515
DS40183E-page 26
© 2011 Microchip Technology Inc.
9.1.4
WRITE TO USER EEPROM COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TWR
Write command activation time
20
1000
μs
TACK
EEPROM write acknowledge time
10
ms
TRESP
Microcontroller acknowledge
response time
20
1000
μs
TACK2
Decoder response
acknowledge time
——
10
μs
Note:
These parameters are characterized but not tested.
9.1.5
ERASE ALL COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TERA
Learn command activation time
20
1000
μs
TACK
Decoder acknowledge time
20
210
ms
TRESP
Microcontroller acknowledge
response time
20
1000
μs
TACK2
Decoder data line low
10
μs
Note:
These parameters are characterized but not tested.
9.1.6
ACTIVATE LEARN COMMAND IN MICRO MODE
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70 °C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TLRN
Learn command activation time
20
1000
μs
TACK
Decoder acknowledge time
20
μs
TRESP
Microcontroller acknowledge
response time
20
1000
μs
TACK2
Decoder data line low
10
μs
Note:
These parameters are characterized but not tested.
9.1.7
ACTIVATE LEARN COMMAND IN STAND-ALONE MODE
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TREQ
Command request time
100
ms
TLRN
Learn command activation time
2
s
TERA
Erase-all command activation time
6
s
Note:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com