Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS362 Datasheet(PDF) 30 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 30 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 26Page - Microchip Technology HCS362 Datasheet HTML 27Page - Microchip Technology HCS362 Datasheet HTML 28Page - Microchip Technology HCS362 Datasheet HTML 29Page - Microchip Technology HCS362 Datasheet HTML 30Page - Microchip Technology HCS362 Datasheet HTML 31Page - Microchip Technology HCS362 Datasheet HTML 32Page - Microchip Technology HCS362 Datasheet HTML 33Page - Microchip Technology HCS362 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
HCS362
DS40189E-page 30
© 2011 Microchip Technology Inc.
FIGURE 8-1:
POWER-UP AND TRANSMIT TIMING
TABLE 8-3:
POWER-UP AND TRANSMIT TIMING REQUIREMENTS(3)
VDD = +2.0 to 6.3V
Industrial
(I):
TAMB = -40
° C to +85 ° C
Parameter
Symbol
Min.
Typical
Max.
Unit
Remarks
Transmit delay from button detect
TTD
26
30
40
ms
(Note 1)
Debounce delay
TDB
18
20
22
ms
Auto-shutoff time-out period (TIMO=10)
TTO
23.4
25.6
28.16
s
(Note 2)
RFEN after key press
TRFON
22
26
36
ms
LED on after key press
TLED
25
45
ms
Time to terminate code word from previous
button press
TTP
10 ms
Note 1: Transmit delay maximum value if the previous transmission was successfully transmitted.
2: The Auto-shutoff time-out period is not tested.
3: These values are characterized but not tested
SN
TDB
DATA
TTD
TTO
Code Word
1
Code Word
2
Code Word
3
Code Word
n
TTP
Button Press
Detect
RFEN
LED
TRFON
TLED
1 TE
Code Word from previous button press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com