Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS362 Datasheet(PDF) 33 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 33 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 29Page - Microchip Technology HCS362 Datasheet HTML 30Page - Microchip Technology HCS362 Datasheet HTML 31Page - Microchip Technology HCS362 Datasheet HTML 32Page - Microchip Technology HCS362 Datasheet HTML 33Page - Microchip Technology HCS362 Datasheet HTML 34Page - Microchip Technology HCS362 Datasheet HTML 35Page - Microchip Technology HCS362 Datasheet HTML 36Page - Microchip Technology HCS362 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 33
HCS362
TABLE 8-4:
CODE WORD TRANSMISSION TIMING PARAMETERS – PWM MODE(1,3)
TABLE 8-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE(1,3)
VDD = +2.0V to 6.3V
Commercial
(C): TAMB = 0 °C to +70 °C
Industrial
(I): TAMB = -40 °C to +85 °C
BSEL Value
11
10
01
00
Symbol
Characteristic
Typical
Typical
Typical
Typical
Units
TE
Basic pulse element
800
400
200
100
μs
TBP
Bit width
333
3
TE
TP
Preamble duration
31
31
31
31
TE
TH
Header duration(4)
10
10
10
10
TE
TC
Data duration
207
207
207
207
TE
TG
Guard time(2)
27.2
26.4
26
25.8
ms
Total transmit time
220
122
74
50
ms
Data Rate
417
833
1667
3334
bps
Note 1: The timing parameters are not tested but derived from the oscillator clock.
2: Assuming GUARD = 10 option selected in CONFIG_0 Configuration Word.
3: Allow for a +/- 10% tolerance on the encoder internal oscillator after calibration.
4: Assuming HEADER = 1 option selected in SEED_3 Configuration Word.
VDD = +2.0V to 6.3V
Commercial
(C): TAMB =
0 °C to +70 °C
Industrial
(I): TAMB = -40 °C to +85 °C
BSEL Value
11
10
01
00
Symbol
Characteristic
Typical
Typical
Typical
Typical
Units
TE
Basic pulse element(3)
800
400
200
100
μs
TBP
Bit width
2
2
2
2
TE
TP
Preamble duration
31
31
31
31
TE
TH
Header duration
4
4
4
4
TE
TC
Data duration
138
138
138
138
TE
TG
Guard time(2)
26.8
26.4
26
25.8
ms
Total transmit time
166
96
61
43
ms
Data Rate
625
1250
2500
5000
bps
Note 1: The timing parameters are not tested but derived from the oscillator clock.
2: Assuming GUARD = 10 option selected in CONFIG_0 Configuration Word.
3: Allow for a +/- 10% tolerance on the encoder internal oscillator after calibration.
013001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com