Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS362 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 3Page - Microchip Technology HCS362 Datasheet HTML 4Page - Microchip Technology HCS362 Datasheet HTML 5Page - Microchip Technology HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 7
HCS362
FIGURE 2-4:
HCS362 VLOW DETECTOR
(TYPICAL)
FIGURE 2-5:
HCS362 VLOW DETECTOR
(TYPICAL)
The output of the low voltage detector is transmitted in
each code word, so the decoder can give an indication
to the user that the transmitter battery is low. Operation
of the LED changes as well to further indicate that the
battery is low and needs replacing.
2.2
Dual Encoder Operation
The HCS362 contains two crypt keys (possibly derived
from two different Manufacturer’s Codes), but only one
Serial Number, one set of Discrimination bits, one 16-
bit Synchronization Counter and a single 60-bit Seed
value. For this reason the HCS362 can be used as an
encoder in multiple (two) applications as far as they
share the same configuration: transmission format,
baud rate, header and guard settings. The SHIFT input
pin (multiplexed with the LED output) is used to select
between the two crypt keys.
A logic 1 on the SHIFT input pin selects the first crypt
key.
A logic 0 on the SHIFT input pin will select the second
crypt key.
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40
-25
-10
5
20
35
50
65
80
Temperature (°C)
VDD Legend
= 000
= 001
= 010
= 011
Temperature (°C)
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
-40
-25
-10
5
20
35
50
65
80
VDD Legend
= 000
= 001
= 010
= 011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com