Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362F Datasheet(PDF) 26 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 26 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology RFHCS362F Datasheet HTML 27Page - Microchip Technology RFHCS362F Datasheet HTML 28Page - Microchip Technology RFHCS362F Datasheet HTML 29Page - Microchip Technology RFHCS362F Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
rfHCS362G/362F
DS41189B-page 26
© 2011 Microchip Technology Inc.
6.0
UHF ASK/FSK TRANSMITTER
6.1
Transmitter Operation
The transmitter is a fully integrated UHF ASK/FSK
transmitter consisting of crystal oscillator, Phase-
Locked Loop (PLL), open-collector differential-output
Power Amplifier (PA), and mode control logic. External
components consist of bypass capacitors, crystal, and
PLL loop filter. The rfHCS362G is capable of Amplitude
Shift Keying (ASK) modulation. The rfHCS362F is
capable of ASK or Frequency Shift Keying (FSK) mod-
ulation by employing an internal FSK switch to pull the
transmitter crystal via a second load capacitor.
Figure 2-1 shows the internal structure of the transmit-
ter. Transmitter connections are independent from the
encoder to provide for maximum design flexibility.
Example application circuits for ASK or FSK modula-
tion are presented in Section 1.2.
The rfHCS362G/362F are radio frequency (RF) emit-
ting devices. Wireless RF devices are governed by a
country’s regulating agency. For example, in the United
States it is the Federal Communications Committee
(FCC) and in Europe it is the European Conference of
Postal
and
Telecommunications
Administrations
(CEPT). It is the responsibility of the designer to ensure
that their end product conforms to rules and regulations
of the country of use and/or sale.
6.2
Supply Voltage (VDDRF, VSSRF)
Pins VDDRF and VSSRF supply power and ground
respectively to the transmitter. These power pins are
separate from power supply pins VDD and VSS to the
encoder.
6.3
Crystal Oscillator
The transmitter crystal oscillator is a Colpitts oscillator
that provides the reference frequency to the PLL. It is
independent from the encoder oscillator. An external
crystal or AC coupled reference signal is connected to
the XTAL pin. The transmit frequency is fixed and
determined by the crystal frequency according to the
formula:
Due to the flexible selection of transmit frequency, the
resulting crystal frequency may not be a standard off-
the-shelf value. Therefore, for some carrier frequencies
the designer will have to consult a crystal manufacturer
and have a custom crystal manufactured. Crystal
parameters are listed in Table 6-1. For background
information on crystal selection see Application Note
AN588, PIC® Microcontroller Oscillator Design Guide,
and AN826 Crystal Oscillator Basics and Crystal Selec-
tion for rfPIC™ and PIC MCU Devices.
The crystal oscillator start time (ton) is listed in
Table 10-7, Transmitter AC Characteristics.
TABLE 6-1:
CRYSTAL PARAMETERS
RF devices require correct board level implementa-
tion in order to meet regulatory requirements. Layout
considerations are listed at the end of each subsec-
tion. It is best to place a ground plane on the PCB to
reduce radio frequency emissions and cross talk.
Layout Considerations - Provide low impedance
power and ground traces to minimize spurious emis-
sions. A two-sided PCB with a ground plane on the
bottom layer is highly recommended. Separate
bypass capacitors should be connected as close as
possible to each of the supply pins VDD and VDDRF.
Connect VSS and VSSRF to the ground plane using
separate PCB vias. Do not share a PCB via with mul-
tiple ground traces.
32
×
=
XTAL
transmit
f
f
Sym
Characteristic
Min
Max
Units
Conditions
fXTAL
Crystal Frequency
9.69
15
MHz
Parallel Resonant Mode
CL
Load Capacitance
10
15
pF
CO
Shunt Capacitance
7
pF
ESR
Equivalent Series Resistance
60
Ω
These values are for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com