| Electronic Components Datasheet Search |
|
RFHCS362F Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RFHCS362F Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 54 page ![]() rfHCS362G/362F DS41189B-page 4 © 2011 Microchip Technology Inc. Figure 1-3 shows how the key values in EEPROM are used in the encoder. Once the encoder detects a button press, it reads the button inputs and updates the syn- chronization counter. The synchronization counter and encryption key are input to the encryption algorithm and the output is 32 bits of encrypted information. This data will change with every button press, its value appearing externally to ‘randomly hop around’, hence it is referred to as the hopping portion of the code word. The 32-bit hopping code is combined with the button information and serial number to form the code word transmitted to the receiver. The code word format is explained in greater detail in Section 3.1. A receiver may use any type of controller as a decoder, but it is typically a microcontroller with compatible firm- ware that allows the decoder to operate in conjunction with an rfHCS362G/362F based transmitter. Section 7.0 provides detail on integrating the rfHCS362G/362F into a system. A transmitter must first be ‘learned’ by the receiver before its use is allowed in the system. Learning includes calculating the transmitter’s appropriate encryption key, decrypting the received hopping code and storing the serial number, synchronization counter value and encryption key in EEPROM. In normal operation, each received message of valid format is evaluated. The serial number is used to deter- mine if it is from a learned transmitter. If from a learned transmitter, the message is decrypted and the synchro- nization counter is verified. Finally, the button status is checked to see what operation is requested. Figure 1-4 shows the relationship between some of the values stored by the receiver and the values received from the transmitter. FIGURE 1-2: CREATION AND STORAGE OF ENCRYPTION KEY DURING PRODUCTION Transmitter Manufacturer’s Serial Number Code Encryption Key Key Generation Algorithm Serial Number Encryption Key Sync Counter . . . rfHCS362 Production Programmer EEPROM Array |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |