Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362F Datasheet(PDF) 45 Page - Microchip Technology

Part # RFHCS362F
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 45 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 41Page - Microchip Technology RFHCS362F Datasheet HTML 42Page - Microchip Technology RFHCS362F Datasheet HTML 43Page - Microchip Technology RFHCS362F Datasheet HTML 44Page - Microchip Technology RFHCS362F Datasheet HTML 45Page - Microchip Technology RFHCS362F Datasheet HTML 46Page - Microchip Technology RFHCS362F Datasheet HTML 47Page - Microchip Technology RFHCS362F Datasheet HTML 48Page - Microchip Technology RFHCS362F Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 45
rfHCS362G/362F
FIGURE 10-3:
PWM FORMAT SUMMARY (MOD=0)
FIGURE 10-4:
PWM PREAMBLE/HEADER FORMAT (MOD=0)
TABLE 10-4:
CODE WORD TRANSMISSION TIMING PARAMETERS – PWM MODE(1,3)
VDD = +2.0V to 6.3V
Industrial
(I): TAMB = -40 °C to +85 °C
BSEL Value
11
10
01
00
Symbol
Characteristic
Typical
Typical
Typical
Typical
Units
TE
Basic pulse element
800
400
200
100
μs
TBP
Bit width
333
3
TE
TP
Preamble duration
31
31
31
31
TE
TH
Header duration(4)
10
10
10
10
TE
TC
Data duration
207
207
207
207
TE
TG
Guard time(2)
27.2
26.4
26
25.8
ms
Total transmit time
220
122
74
50
ms
Data Rate
417
833
1667
3334
bps
Note 1: The timing parameters are not tested but derived from the oscillator clock.
2: Assuming GUARD = 10 option selected in CONFIG_0 Configuration Word.
3: Allow for a +/- 10% tolerance on the encoder internal oscillator after calibration.
4: Assuming HEADER = 1 option selected in SEED_3 Configuration Word.
LOGIC "1"
Guard
Time
31 TE
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Preamble
3/10
Header
TE
TE
TE
TE
1
16
TBP
50% Duty Cycle Preamble
P1
P16
31xTE
3 or 10xTE Header
Data Bits
Bit 0 Bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com