Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F1827 Datasheet(PDF) 24 Page - Microchip Technology

Part # 16F1827
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1827 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 16F1827 Datasheet HTML 20Page - Microchip Technology 16F1827 Datasheet HTML 21Page - Microchip Technology 16F1827 Datasheet HTML 22Page - Microchip Technology 16F1827 Datasheet HTML 23Page - Microchip Technology 16F1827 Datasheet HTML 24Page - Microchip Technology 16F1827 Datasheet HTML 25Page - Microchip Technology 16F1827 Datasheet HTML 26Page - Microchip Technology 16F1827 Datasheet HTML 27Page - Microchip Technology 16F1827 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 406 page
background image
TABLE 3-3:
PIC16(L)F1826/27 MEMORY MAP (CONTINUED)
Legend:
= Unimplemented data memory locations, read as ‘0’
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
BANK 13
BANK 14
BANK 15
400h
40Bh
Core Registers
(Table 3-2)
480h
48Bh
Core Registers
(Table 3-2)
500h
50Bh
Core Registers
(Table 3-2)
580h
58Bh
Core Registers
(Table 3-2)
600h
60Bh
Core Registers
(Table 3-2)
680h
68Bh
Core Registers
(Table 3-2)
700h
70Bh
Core Registers
(Table 3-2)
780h
78Bh
Core Registers
(Table 3-2)
40Ch
—
48Ch
—
50Ch
—
58Ch
—
60Ch
—
68Ch
—
70Ch
—
78Ch
—
40Dh
—
48Dh
—
50Dh
—
58Dh
—
60Dh
—
68Dh
—
70Dh
—
78Dh
—
40Eh
—
48Eh
—
50Eh
—
58Eh
—
60Eh
—
68Eh
—
70Eh
—
78Eh
—
40Fh
—
48Fh
—
50Fh
—
58Fh
—
60Fh
—
68Fh
—
70Fh
—
78Fh
—
410h
—
490h
—
510h
—
590h
—
610h
—
690h
—
710h
—
790h
—
411h
—
491h
—
511h
—
591h
—
611h
—
691h
—
711h
—
791h
—
412h
—
492h
—
512h
—
592h
—
612h
—
692h
—
712h
—
792h
—
413h
—
493h
—
513h
—
593h
—
613h
—
693h
—
713h
—
793h
—
414h
—
494h
—
514h
—
594h
—
614h
—
694h
—
714h
—
794h
—
415h
TMR4(1)
495h
—
515h
—
595h
—
615h
—
695h
—
715h
—
795h
—
416h
PR4(1)
496h
—
516h
—
596h
—
616h
—
696h
—
716h
—
796h
—
417h
T4CON(1)
497h
—
517h
—
597h
—
617h
—
697h
—
717h
—
797h
—
418h
—
498h
—
518h
—
598h
—
618h
—
698h
—
718h
—
798h
—
419h
—
499h
—
519h
—
599h
—
619h
—
699h
—
719h
—
799h
—
41Ah
—
49Ah
—
51Ah
—
59Ah
—
61Ah
—
69Ah
—
71Ah
—
79Ah
—
41Bh
—
49Bh
—
51Bh
—
59Bh
—
61Bh
—
69Bh
—
71Bh
—
79Bh
—
41Ch
TMR6(1)
49Ch
—
51Ch
—
59Ch
—
61Ch
—
69Ch
—
71Ch
—
79Ch
—
41Dh
PR6(1)
49Dh
—
51Dh
—
59Dh
—
61Dh
—
69Dh
—
71Dh
—
79Dh
—
41Eh
T6CON(1)
49Eh
—
51Eh
—
59Eh
—
61Eh
—
69Eh
—
71Eh
—
79Eh
—
41Fh
—
49Fh
—
51Fh
—
59Fh
—
61Fh
—
69Fh
—
71Fh
—
79Fh
—
420h
Unimplemented
Read as ‘0’
4A0h
Unimplemented
Read as ‘0’
520h
Unimplemented
Read as ‘0’
5A0h
Unimplemented
Read as ‘0’
620h
Unimplemented
Read as ‘0’
6A0h
Unimplemented
Read as ‘0’
720h
Unimplemented
Read as ‘0’
7A0h
Unimplemented
Read as ‘0’
46Fh
4EFh
56Fh
5EFh
66Fh
6EFh
76Fh
7EFh
470h
Accesses
70h – 7Fh
4F0h
Accesses
70h – 7Fh
570h
Accesses
70h – 7Fh
5F0h
Accesses
70h – 7Fh
670h
Accesses
70h – 7Fh
6F0h
Accesses
70h – 7Fh
770h
Accesses
70h – 7Fh
7F0h
Accesses
70h – 7Fh
47Fh
4FFh
57Fh
5FFh
67Fh
6FFh
77Fh
7FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com