Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F1827 Datasheet(PDF) 99 Page - Microchip Technology

Part # 16F1827
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1827 Datasheet(HTML) 99 Page - Microchip Technology

Back Button 16F1827 Datasheet HTML 95Page - Microchip Technology 16F1827 Datasheet HTML 96Page - Microchip Technology 16F1827 Datasheet HTML 97Page - Microchip Technology 16F1827 Datasheet HTML 98Page - Microchip Technology 16F1827 Datasheet HTML 99Page - Microchip Technology 16F1827 Datasheet HTML 100Page - Microchip Technology 16F1827 Datasheet HTML 101Page - Microchip Technology 16F1827 Datasheet HTML 102Page - Microchip Technology 16F1827 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 406 page
background image
 2011 Microchip Technology Inc.
DS41391D-page 99
PIC16(L)F1826/27
10.6
Watchdog Control Register
REGISTER 10-1:
WDTCON: WATCHDOG TIMER CONTROL REGISTER
U-0
U-0
R/W-0/0
R/W-1/1
R/W-0/0
R/W-1/1
R/W-1/1
R/W-0/0
—
—
WDTPS<4:0>
SWDTEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-m/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-1
WDTPS<4:0>:
Watchdog Timer Period Select bits(1)
Bit Value = Prescale Rate
00000
= 1:32 (Interval 1 ms nominal)
00001
= 1:64 (Interval 2 ms nominal)
00010
= 1:128 (Interval 4 ms nominal)
00011
= 1:256 (Interval 8 ms nominal)
00100
= 1:512 (Interval 16 ms nominal)
00101
= 1:1024 (Interval 32 ms nominal)
00110
= 1:2048 (Interval 64 ms nominal)
00111
= 1:4096 (Interval 128 ms nominal)
01000
= 1:8192 (Interval 256 ms nominal)
01001
= 1:16384 (Interval 512 ms nominal)
01010
= 1:32768 (Interval 1s nominal)
01011
= 1:65536 (Interval 2s nominal) (Reset value)
01100
= 1:131072 (217) (Interval 4s nominal)
01101
= 1:262144 (218) (Interval 8s nominal)
01110
= 1:524288 (219) (Interval 16s nominal)
01111
= 1:1048576 (220) (Interval 32s nominal)
10000
= 1:2097152 (221) (Interval 64s nominal)
10001
= 1:4194304 (222) (Interval 128s nominal)
10010
= 1:8388608 (223) (Interval 256s nominal)
10011
= Reserved. Results in minimum interval (1:32)
•
•
•
11111
= Reserved. Results in minimum interval (1:32)
bit 0
SWDTEN:
Software Enable/Disable for Watchdog Timer bit
If WDTE<1:0> = 00:
This bit is ignored.
If WDTE<1:0> = 01:
1
= WDT is turned on
0
= WDT is turned off
If WDTE<1:0> = 1x:
This bit is ignored.
Note 1:
Times are approximate. WDT time is based on 31 kHz LFINTOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com