Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX28CEC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
27
Table 30 shows the CLK-type GPIO AC timing and parameters.
Output pad slew rate
(low drive)
tps
1.7~1.9V
10pF
1.44
1.51
0.59
0.63
ns
—
1.7~1.9V
20pF
0.84
0.96
0.35
0.40
—
1.7~1.9V
50pF
0.36
0.46
0.16
0.19
—
3.0~3.6V
10pF
1.48
1.39
0.59
0.60
—
3.0~3.6V
20pF
0.88
0.82
0.37
0.36
—
3.0~3.6V
50pF
0.39
0.36
0.17
0.16
—
Input pad average
hysteresis
tih
1.7 V–1.9 V
—
100
75
mV
—
3.0 V–3.6 V
—
100
50
—
Table 30. CLK-Type GPIO
Parameters
Symbol
Test Voltage Test Capacitance
Min Rise/Fall
Max Rise/Fall
units
Notes
Duty cycle
Fduty
—
—
—
—
%
—
Output pad transition
times (maximum
drive)
tpr
1.7~1.9V
10pF
0.48
0.52
1.08
1.12
ns
—
1.7~1.9V
20pF
0.72
0.74
1.56
1.56
—
1.7~1.9V
50pF
1.41
1.28
3.04
2.7
—
3.0~3.6V
10pF
0.61
0.57
1.25
1.12
—
3.0~3.6V
20pF
0.85
0.85
1.73
1.63
—
3.0~3.6V
50pF
1.56
1.63
3.13
3.08
—
Output pad transition
times (medium drive)
tpr
1.7~1.9V
10pF
0.76
0.76
1.67
1.62
ns
—
1.7~1.9V
20pF
1.22
1.14
2.64
2.41
—
1.7~1.9V
50pF
2.66
2.2
5.61
4.62
—
3.0~3.6V
10pF
0.9
0.89
1.83
1.72
—
3.0~3.6V
20pF
1.37
1.41
2.77
2.69
—
3.0~3.6V
50pF
2.85
3.03
5.59
5.72
—
Output pad slew rate
(maximum drive)
tps
1.7~1.9V
10pF
2.38
2.19
0.94
0.91
ns
—
1.7~1.9V
20pF
1.58
1.54
0.65
0.65
—
1.7~1.9V
50pF
0.81
0.89
0.34
0.38
—
3.0~3.6V
10pF
3.54
3.79
1.44
1.61
—
3.0~3.6V
20pF
2.54
2.54
1.04
1.10
—
3.0~3.6V
50pF
1.38
1.33
0.58
0.58
—
Table 29. F-type GPIO (continued)
Parameters
Symbol
Test Voltage
Test Capacitance Min Rise/Fall Max Rise/Fall
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com