Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3AS02G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 18Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
15
02 Sep 2005
Once the Auto Restart Mode is entered, the internal Voltage
Reference is switched off in order to reduce the current
consumption of the IC as much as possible. In this mode, the
average current consumption is only 300
µA as the only
working block is the Undervoltage Lockout(UVLO) which
controls the Startup Cell by switching on/off at VVCCon/
VVCCoff.
As there is no longer a self supply by the auxiliary winding,
VCC starts to drop. The UVLO switches on the integrated
Startup Cell when VCC falls below 8.5V. It will continue to
charge VCC up to 15V whereby it is switched off again and
the IC enters into the Start Up Phase.
As long as all fault conditions have been removed, the IC
will automatically power up as usual with switching cycle at
the GATE output after Soft Start duration. Thus the name
Auto Restart Mode.
Other fault detections which are active in normal operation
is the sensing for Overload, Open Loop and VCC
undervoltage conditions. In the first 2 cases, FB will rise
above 4.8V which will be observed by C4. At this time, S1
is released such that VSoftS can rise from its earlier clamp
voltage of 4.4V. If VSoftS exceeds 5.4V which is observed by
C3, Auto Restart Mode is entered as both inputs of the gate
G5 are high.
This charging of the Soft Start capacitor from 4.4V to 5.4V
defines a blanking window which prevents the system from
entering into Auto Restart Mode un-intentionally during
large load jumps. In this event, FB will rise close to 6.5V for
a short duration before the loop regulates with FB less than
4.8V. This is the same blanking time window as for the
Active Burst Mode and can therefore be adjusted by the
external CSoftS.
In the case of VCC undervoltage, ie. VCC falls below 8.5V,
the IC will be turn off with the Startup Cell charging VCC as
described earlier in this section. Once VCC is charged above
15V, the IC will start a new startup cycle. The same
procedure applies when the system is under Short
Optocoupler fault condition, as it will lead to VCC
undervoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com