Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3AS02G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button ICE3AS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 14Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 15Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 16Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 17Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 18Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 19Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Electrical Characteristics
Datasheet, Version 1.2
16
02 Sep 2005
4
Electrical Characteristics
Note:
All voltages are measured with respect to ground (Pin 8). The voltage levels are valid if other ratings are not
violated.
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction of the
integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 7 (VCC) is
discharged before assembling the application circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
HV Voltage
VHV
-
500V
V
VCC Supply Voltage
VVCC
-0.3
22
V
FB Voltage
VFB
-0.3
6.5
V
SoftS Voltage
VSoftS
-0.3
6.5
V
Gate Voltage
VGate
-0.3
22
V
Internally clamped at 11.5V
CS Voltage
VCS
-0.3
6.5
V
Junction Temperature
Tj
-40
150
°C
Storage Temperature
TS
-55
150
°C
Total Power Dissipation
PtotDSO8
-
0.45
W
PG-DSO-8, Tamb < 50°C
PtotDIP8
-
0.90
W
PG-DIP-8, Tamb < 50°C
Thermal Resistance
Junction-Ambient
RthJADSO8
-
185
K/W
PG-DSO-8
RthJADIP8
-
90
K/W
PG-DIP-8
ESD Capability(incl. HV Pin)
VESD
-
3
kV
Human body model1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
VVCCoff
21
V
Junction Temperature of Controller TjCon
-25
130
°C
Max value limited due to thermal shut
down of controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com