Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7007 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGU7007 Datasheet HTML 1Page - NXP Semiconductors BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
5 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
[1]
PCB losses are subtracted.
[2]
Including PCB losses.
[3]
Out of band.
[4]
f1 = 1713 MHz; f2 = 1851 MHz; P1 =P2 = −30 dBm.
[5]
Within 10 % of the final gain.
Pi(1dB)
input power at 1 dB gain compression f = 1559 MHz to 1610 MHz
VCC =1.5 V
−16 −13 -
dBm
VCC =1.8 V
−15 −12 -
dBm
VCC =2.85V
−14 −11 -
dBm
f = 806 MHz to 928 MHz
VCC =1.5 V
[3]
−16 −13 -
dBm
VCC =1.8 V
[3]
−15 −12 -
dBm
VCC =2.85V
[3]
−15 −12 -
dBm
f = 1612 MHz to 1909 MHz
VCC =1.5 V
[3]
−14 −11 -
dBm
VCC =1.8 V
[3]
−13 −10 -
dBm
VCC =2.85V
[3]
−11 −8-
dBm
IP3i
input third-order intercept point
f = 1.575 GHz
VCC =1.5 V
[4] 14-
dBm
VCC =1.8 V
[4] 14-
dBm
VCC =2.85V
[4] 25-
dBm
ton
turn-on time
[5]
--2
μs
toff
turn-off time
[5]
--1
μs
K
Rollett stability factor
1
-
-
Table 7.
Characteristics …continued
f = 1559 MHz to 1610 MHz; VCC = 1.8 V; VENABLE >= 0.8 V; Pi < −40 dBm; Tamb =25 °C; input matched to 50 Ω using a
5.6 nH inductor; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
ENABLE (pin 5)
−40 °C ≤ T
amb ≤ +85 °C; 1.5 V ≤ VCC ≤ 2.85 V
VENABLE (V)
State
≤ 0.35
OFF
≥ 0.8
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com