Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7007 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors BGU7007 Datasheet HTML 10Page - NXP Semiconductors BGU7007 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
7 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
VCC = 1.8 V; Pi = −45 dBm.
(1) Tamb = −40 °C
(2) Tamb = +25 °C
(3) Tamb = +85 °C
VCC = 1.8 V; Tamb =25 °C.
(1) Pi = −45 dBm
(2) Pi = −30 dBm
(3) Pi = −20 dBm
(4) Pi = −15 dBm
Fig 4.
Power gain as a function of frequency;
typical values
Fig 5.
Power gain as a function of frequency;
typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aao160
8
12
4
16
20
Gp
(dB)
0
(1)
(3)
(2)
f (MHz)
500
3000
2500
1500
2000
1000
001aao161
8
12
4
16
20
Gp
(dB)
0
(4)
(2)
(3)
(1)
Pi = −45 dBm; Tamb =25 °C.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Tamb =25 °C; f = 1575 MHz.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Fig 6.
Power gain as a function of frequency;
typical values
Fig 7.
Power gain as a function of input power;
typical values
f (MHz)
500
3000
2500
1500
2000
1000
001aao162
8
12
4
16
20
Gp
(dB)
0
(3)
(1)
(2)
Pi (dBm)
-50
0
-10
-30
-20
-40
001aao163
16
13
19
22
Gp
(dB)
Gp
10
10
5
20
25
ICC
(mA)
0
(1)
(2)
(3)
(1)
(2)
(3)
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com