Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5206-2GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5206-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5206-2GP Datasheet HTML 4Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 5Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 9Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 10Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 11Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLE 5206-2
Electrical Characteristics
Data Sheet
8
Rev.1.1, 2007-07-31
3
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
3.1
Absolute Maximum Ratings
– 40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
– 0.3
40
V
– 1
40
V
t < 0.5 s; I
S > – 5 A
Logic input voltage
V
IN1, 2
– 0.3
7
V
0 V <
V
S < 40 V
Diagnostics output voltage
V
EF
– 0.3
7
V
Currents of DMOS-Transistors and Freewheeling Diodes
Output current (cont.)
I
OUT1, 2
– 5
5
A
Output current (peak)
I
OUT1, 2
– 6
6
A
t
p < 100 ms; T =1 s
Output current (peak)
I
OUT1, 2
A
t
p < 50 µs; T =1 s;
internally limitted;
see overcurrent
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction case
R
thjC
3
K/W
P-TO220-7-11/12,
P-TO263-7-1
Junction ambient
R
thjA
65
K/W
P-TO220-7-11/12
75
K/W
P-TO263-7-1
Junction case
R
thjC
5
K/W
PG-DSO-20-37
Junction ambient
R
thjA
50
K/W
PG-DSO-20-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com