Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5206-2GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5206-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5206-2GP Datasheet HTML 9Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 10Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 11Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 12Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 13Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 14Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 15Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 16Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLE 5206-2
Electrical Characteristics
Data Sheet
13
Rev.1.1, 2007-07-31
Figure 3
Test Circuit
Overcurrent
Short Circuit
Open Circuit
I
OUT
I
SD
I
SC
I
OC
EF
IN1
IN2
OUT1
OUT2
TLE 5206-2
2
3
5
7
1
6
4
4700 F
µ
V S
GND
AES02406
Ι EF
IN1
Ι
IN2
Ι
FL
Ι
V EF
V IN1
IN2
V
V OUT1
OUT2
V
R Load
OUT1
Ι
OUT2
Ι
470 nF
FU
Ι ; S
Ι
V S
63 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com