Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5206-2GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5206-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5206-2GP Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 9Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 10Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 11Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 12Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 13Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLE 5206-2
Electrical Characteristics
Data Sheet
10
Rev.1.1, 2007-07-31
Outputs OUT1, 2
Static Drain-Source-On Resistance
Source
I
OUT = – 3 A
R
DS ON H
220
350
m
Ω 6V < V
S < 18 V
T
j = 25 °C
500
m
Ω 6V < V
S < 18 V
350
500
m
V
SON < VS ≤ 6V
T
j = 25 °C
800
m
V
SON < VS ≤ 6V
Sink
I
OUT = 3 A
R
DS ON L
230
350
m
Ω 6V < V
S < 18 V
T
j = 25 °C
500
m
Ω 6V < V
S < 18 V
400
600
m
V
SON < VS ≤ 6V
T
j = 25 °C
1000
m
V
SON < VS ≤ 6V
Note: Values of
R
DS ON for VS ON < VS ≤ 6 V are guaranteed by design.
Overcurrent
Source shutdown trippoint
I
SDH
––
10
A
T
j = – 40 °C
–8
–A
T
j = 25 °C
6–
–A
T
j = 150 °C
Sink shutdown trippoint
I
SDL
––
10
A
T
j = – 40 °C
–8
–A
T
j = 25 °C
6–
–A
T
j = 150 °C
Shutdown delay time
t
dSD
25
50
80
µs–
3.3
Electrical Characteristics (cont’d)
6 V <
V
S < 18 V; IN1 = IN2 = HIGH
I
OUT1, 2 = 0 A (No load); – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com