Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6368 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG TLE6368 Datasheet HTML 45Page - Infineon Technologies AG TLE6368 Datasheet HTML 46Page - Infineon Technologies AG TLE6368 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
43
Rev. 2.2, 2006-12-01
3.4.166 DO rise time
t
rDO
–
50
100
ns
CL = 100 pF
3.4.167 DO fall time
t
fDO
–
50
100
ns
CL = 100 pF
3.4.168 DO enable
time
t
ENDO
–
–
250
ns
low impedance
3.4.169 DO disable
time
t
DISDO
–
–
250
ns
high impedance
3.4.170 DO valid time
t
VADO
–
100
250
ns
VDO < 10%
VDO > 90%
CL = 100 pF
General
3.4.171 Temperature
warning flag
TJ,Flag
140
°C
2)
3.4.172 Over
Temperature
shutdown
TJ,Shutdown 150
170
200
°C
2)
3.4.173 Over-
Temperature
shutdown
Hysteresis
∆Tsd_hys
30
K
3.4.174 Delta of TWF
to TSD
TJ,Shutdown
- TJ,Flag
20
K
1)
Specified by design, not subject to production test
2)
Simulated at wafer test only, not absolutely measured
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com