Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6368 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 2Page - Infineon Technologies AG TLE6368 Datasheet HTML 3Page - Infineon Technologies AG TLE6368 Datasheet HTML 4Page - Infineon Technologies AG TLE6368 Datasheet HTML 5Page - Infineon Technologies AG TLE6368 Datasheet HTML 6Page - Infineon Technologies AG TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG TLE6368 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
6
Rev. 2.2, 2006-12-01
27
Q_LDO1
Voltage Regulator Output 1; 5V output; acts as the reference
for the voltage trackers.The SPI and window watchdog logic is
supplied from this voltage. For stability a ceramic capacitor of
470nF to GND is sufficient.
28
Bootstrap Bootstrap Input; add the bootstrap capacitor between pin SW
and pin Bootstrap, the capcitance value should be 2% of the
Buck converter output capacitance
29, 31
SW
Switch Output; connect both pins externally through short lines
directly to the cathode of the catch diode and the Buck circuit
inductance.
30, 32
IN
Supply Voltage Input; connect both pins externally through
short lines to the input filter/the input capacitors.
33
BOOST
Boost Input; for switching loss minimization connect a diode
(cathode directly to boost pin) in series with a 100nF ceramic
capacitor to the IN pin and from the anode of the diode to the
buck converter output a 22
Ω resistor. Recommended for 42V
applications. In 12/24V applications connect boost directly to IN.
34
WAKE
Wake Up Input; a positive voltage applied to this pin turns on
the device
35
SLEW
Slew control Input; a resistor to GND defines the current slope
in the buck switch for reduced EME
1.4
Pin definitions and functions (cont’d)
Pin No.
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com