Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6368 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG TLE6368 Datasheet HTML 10Page - Infineon Technologies AG TLE6368 Datasheet HTML 11Page - Infineon Technologies AG TLE6368 Datasheet HTML 12Page - Infineon Technologies AG TLE6368 Datasheet HTML 13Page - Infineon Technologies AG TLE6368 Datasheet HTML 14Page - Infineon Technologies AG TLE6368 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
11
Rev. 2.2, 2006-12-01
Figure 4 Power-up and -down sequencing of the regulators
2.2.2
Q_LDO2 and Q_LDO3 output voltage selection*
To determine the output voltage levels of the three linear regulators, the selection pin
(SEL, pin 23) has to be connected according to the matrix given in the table below.
* for different output voltages please refer to the multi voltage supply TLE6361
Definition of Output voltage Q_LDO2 and Q_LDO3
Select Pin SEL
connected to
Q_LDO2
output voltage
Q_LDO3
output voltage
GND
3.3 V
3.3 V
Q_LDO1
2.6 V
2.6 V
Q_LDO2
2.6 V
3.3 V
V
LDO_EN
t
V
FB/L_IN
Power Sequencing
0.7V
5V
3.3V
2.6V
V
Rth5
t
2.6V
V
Rth2.6
t
0.7V
V
Q_LDO1
+/- 50mV
V
Q_LDO3 (3.3V Mode)
3.3V
V
Rth3.3
t
+/- 50mV
V
Q_LDO2 (2.6V Mode)
5V LDO
5V LDO
5V LDO
5V LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com