Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4086APZ Datasheet HTML 1Page - Intersil Corporation HIP4086APZ Datasheet HTML 2Page - Intersil Corporation HIP4086APZ Datasheet HTML 3Page - Intersil Corporation HIP4086APZ Datasheet HTML 4Page - Intersil Corporation HIP4086APZ Datasheet HTML 5Page - Intersil Corporation HIP4086APZ Datasheet HTML 6Page - Intersil Corporation HIP4086APZ Datasheet HTML 7Page - Intersil Corporation HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HIP4086, HIP4086A
5
FN4220.7
June 1, 2011
Absolute Maximum Ratings
Thermal Information
(Note 7)
Supply Voltage, VDD Relative to GND. . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3v to VDD + 0.3V
Voltage on xHS . . . . . . . . . . . . . . -6V (Transient) to 85V (-40°C to +150°C)
Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHS +VDD
Voltage on xLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.3V to VDD +0.3V
Voltage on xHO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHB +0.3V
Phase slew rate (on xHS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
Maximum Recommended Operating
Conditions
Supply Voltage, VDD Relative to GND. . . . . . . . . . . . . . . . . . . . . . . 7V to 15V
Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD
Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS + VDD
Voltage on xHS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 80V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC Package (Notes 4, 6) . . . . . . . . . . . . .
75
22
SOIC Package HIP4086AABZ (Notes 5, 6)
51
22
PDIP* Package (Notes 4, 6) . . . . . . . . . . . .
70
29
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temp Range . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
7. Replace x with A, B, or C.
DC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20k, RUV = ∞, Gate Capacitance (CGATE) = 1000pF,
unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +150°C.
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNITS
MIN
(Note 9)
TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
SUPPLY CURRENTS
VDD Quiescent Current
xHI = 5V, xLI = 5V (HIP4086)
2.7
3.4
4.2
2.1
4.3
mA
xHI = 5V, xLI = 5V (HIP4086A)
2.3
2.4
2.6
2.1
2.7
mA
VDD Operating Current
f = 20kHz, 50% Duty Cycle (HIP4086)
6.3
8.25
10.5
511
mA
f = 20kHz, 50% Duty Cycle (HIP4086A)
3.1
3.6
4.1
2.8
4.4
mA
xHB On Quiescent Current
xHI = 0V (HIP4086)
-
40
80
-
100
µA
xHI = 0V (HIP4086A)
80
100
200
µA
xHB Off Quiescent Current
xHI = VDD (HIP4086)
0.6
0.8
1.3
0.5
1.4
mA
xHI = VDD (HIP4086A)
0.8
0.9
1
0.7
1.2
mA
xHB Operating Current
f = 20kHz, 50% Duty Cycle (HIP4086)
0.7
0.9
1.3
-
2.0
mA
f = 20kHz, 50% Duty Cycle (HIP4086A)
0.8
0.9
1
-
1.2
mA
xHB, xHS Leakage Current
VxHS = 80V, VxHB = 93V
7
24
45
-
50
µA
Charge Pump, HIP4086 only, (Note 8)
QPUMP Output Voltage
No Load
11.5
12.5
14
10.5
14.5
V
QPUMP Output Current
VxHS = 12V, VxHB = 22V
50
100
130
-
140
µA
UNDERVOLTAGE PROTECTION
VDD Rising Undervoltage Threshold
RUV open
6.2
7.1
8.0
6.1
8.1
V
VDD Falling Undervoltage Threshold
RUV open
5.75
6.6
7.5
5.6
7.6
V
Minimum Undervoltage Threshold
RUV = VDD
5
6.2
6.8
4.9
6.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com