Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation HIP4086APZ Datasheet HTML 13Page - Intersil Corporation HIP4086APZ Datasheet HTML 14Page - Intersil Corporation HIP4086APZ Datasheet HTML 15Page - Intersil Corporation HIP4086APZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
HIP4086, HIP4086A
16
FN4220.7
June 1, 2011
Package Outline Drawing
M24.3
24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE (SOIC)
Rev 2, 3/11
TOP VIEW
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982.
2. Package length does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
3. Package width does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm
(0.010 inch) per side.
4. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
5. Terminal numbers are shown for reference only.
6. The lead width as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
(0.024 inch).
7. Controlling dimension: MILLIMETER. Converted inch dimensions in
( ) are not necessarily exact.
8. This outline conforms to JEDEC publication MS-013-AD ISSUE C.
SIDE VIEW “A”
SIDE VIEW “B”
TYPICAL RECOMMENDED LAND PATTERN
INDEX
AREA
24
12
3
SEATING PLANE
DETAIL "A"
x 45°
7.60 (0.299)
7.40 (0.291)
0.75 (0.029)
0.25 (0.010)
10.65 (0.419)
10.00 (0.394)
1.27 (0.050)
0.40 (0.016)
15.60 (0.614)
15.20 (0.598)
2.65 (0.104)
2.35 (0.093)
0.30 (0.012)
0.10 (0.004)
1.27 (0.050)
0.51 (0.020)
0.33 (0.013)
0.32 (0.012)
0.23 (0.009)
8°
0°
1.981 (0.078)
9.373 (0.369)
0.533 (0.021)
1.27 (0.050)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com