Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation HIP4086APZ Datasheet HTML 13Page - Intersil Corporation HIP4086APZ Datasheet HTML 14Page - Intersil Corporation HIP4086APZ Datasheet HTML 15Page - Intersil Corporation HIP4086APZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HIP4086, HIP4086A
14
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN4220.7
June 1, 2011
For additional products, see www.intersil.com/product_tree
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
*For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page
on intersil.com: HIP4086, HIP4086A
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
FITs are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest Rev.
DATE
REVISION
CHANGE
5/10/11
FN4220.7
Added alternate parameters for HIP4086A in DC Electrical Spec Table Supply Currents on page 5.
Added to Charge Pump Figures 10 and 11 in Typical Performance Curves "HIP4086 Only"
3/18/11
-Converted to new Intersil Template per PL request.
-Changed Title from "80V, 500mA, 3-Phase Driver" to "80V, 500mA, 3-Phase MOSFET Driver"
-Rewrote description on page 1 by adding HIP4086A and stating the differences between parts.
-Updated ordering information by adding part number HIP4086AABZ and EVAL Board. Added MSL note and
numbered all notes to meet new standard, Removed obsolete part HIP4086AP
-Updated Application Block Diagram on page 1
-Added Charge Pump Current Curve on page 1
-Updated Features and Applications Section
-Added Related Literature
-Updated Functional Block Diagram by adding color and notes
-Updated Thermal Information and notes on page 5
-Added Boldface limits note to Electrical Spec Table conditions, added note to MIN and MAX columns to
reference new standard compliance note.
-Updated all timing diagrams for better clarification on page 7
-Added Functional Description, Applications Information and General PCB Layout Guidelines sections beginning
on page 10
-Updated POD M24.3 by removing table listing dimensions and putting dimensions on drawing. Added Land
Pattern.
Added Revision History and Products Information.
7/26/04
FN4220.6
Pb-Free Parts added
2/18/03
FN4220.5
Updated Datasheet
6/21/02
FN4220.4
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com