Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 29Page - NXP Semiconductors PCF8576C Datasheet HTML 30Page - NXP Semiconductors PCF8576C Datasheet HTML 31Page - NXP Semiconductors PCF8576C Datasheet HTML 32Page - NXP Semiconductors PCF8576C Datasheet HTML 33Page - NXP Semiconductors PCF8576C Datasheet HTML 34Page - NXP Semiconductors PCF8576C Datasheet HTML 35Page - NXP Semiconductors PCF8576C Datasheet HTML 36Page - NXP Semiconductors PCF8576C Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
PCF8576C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 10 — 22 July 2010
33 of 57
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
[1]
VLCD ≤ VDD − 3 V for 1⁄3 bias.
[2]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[3]
Resets all logic when VDD < VPOR.
[4]
Periodically sampled, not 100 % tested.
[5]
Outputs measured one at a time.
10.1 Typical supply current characteristics
LCD outputs
VBP
voltage on pin BP
Cbpl = 35 nF; on pins BP0 to BP3
−20
-
+20
mV
VS
voltage on pin S
Csgm = 5 nF; on pins S0 to S39
−20
-
+20
mV
RBP
resistance on pin BP
VLCD =VDD − 5 V; on pins BP0 to BP3 [5] --
5
k
Ω
RS
resistance on pin S
VLCD =VDD − 5 V; on pins S0 to S39
[5]
--
7.5
k
Ω
Table 15.
Static characteristics …continued
VDD = 2.0 V to 6.0 V; VSS = 0 V; VLCD = VDD − 6.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD = 5 V; VLCD = 0 V; Tamb = 25 °CVDD = 5 V; VLCD = 0 V; Tamb = 25 °C
Fig 22. ISS as a function of ffr
Fig 23.
−I
DD(LCD) as a function of ffr
mbe530
0
200
50
0
10
20
30
40
100
ISS
(
μA)
ffr (Hz)
normal
mode
power-saving
mode
mbe529
0
200
50
0
10
20
30
40
100
ffr (Hz)
−IDD(LCD)
(
μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com