Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576C Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 41Page - NXP Semiconductors PCF8576C Datasheet HTML 42Page - NXP Semiconductors PCF8576C Datasheet HTML 43Page - NXP Semiconductors PCF8576C Datasheet HTML 44Page - NXP Semiconductors PCF8576C Datasheet HTML 45Page - NXP Semiconductors PCF8576C Datasheet HTML 46Page - NXP Semiconductors PCF8576C Datasheet HTML 47Page - NXP Semiconductors PCF8576C Datasheet HTML 48Page - NXP Semiconductors PCF8576C Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
PCF8576C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 10 — 22 July 2010
45 of 57
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
Fig 37. Bare die outline of PCF8576CU/2/F2
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8576CU/2
pcf8576cu_2_do
09-06-02
Unit
mm
max
nom
min
0.398 0.0175
0.094
2.82
3.00
0.610
0.096
A
Dimensions
Note
1. Dimension not drawn to scale
2. Marking code: PC8576C-2
Bare die; 56 bumps; 3.0 x 2.82 x 0.40 mm
PCF8576CU/2
A1
A2
0.380
bD
E
e(1)
L
0.094
0
0.5
1 mm
scale
detail X
L
b
e
X
0
0
y
x
D
E
(2)
F
C2
C1
35
50
51
56
1
7
8
20
21
34
Y
detail Y
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com