| Electronic Components Datasheet Search |
|
PCF8593 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8593 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 35 page ![]() PCF8593 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 6 October 2010 14 of 35 NXP Semiconductors PCF8593 Low power clock and calendar 8. Characteristics of the I2C-bus 8.1 Characteristics The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a Serial DAta line (SDA) and a Serial Clock Line (SCL). Both lines must be connected to a positive supply via a pull-up resistor. Data transfer is initiated only when the bus is not busy. 8.1.1 Bit transfer One data bit is transferred during each clock pulse (see Figure 14). The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time are interpreted as a control signal. 8.1.2 Start and stop conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition - S. A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition - P (see Figure 15). 8.1.3 System configuration A device generating a message is a transmitter; a device receiving a message is the receiver (see Figure 16). The device that controls the message is the master; and the devices which are controlled by the master are the slaves. Fig 14. Bit transfer mbc621 data line stable; data valid change of data allowed SDA SCL Fig 15. Definition of start and stop conditions mbc622 SDA SCL P STOP condition SDA SCL S START condition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |