Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6738 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 4Page - STMicroelectronics L6738 Datasheet HTML 5Page - STMicroelectronics L6738 Datasheet HTML 6Page - STMicroelectronics L6738 Datasheet HTML 7Page - STMicroelectronics L6738 Datasheet HTML 8Page - STMicroelectronics L6738 Datasheet HTML 9Page - STMicroelectronics L6738 Datasheet HTML 10Page - STMicroelectronics L6738 Datasheet HTML 11Page - STMicroelectronics L6738 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Typical application circuit and block diagram
L6738
8/32
Doc ID 18133 Rev 1
1.2
Block diagram
Figure 3.
Block diagram
BOOT
LGATE
UGATE
GND
HS
LS
ERROR AMPLIFIER
+
- 0.80V
PROGRAMMABLE
OSCILLATOR
PWM
PHASE
CONTROL LOGIC,
MONITOR, PROTECTIONS
&
EFFICIENCY OPTIMIZATION
L6738
CLOCK
OVER CURRENT
CSP
CSN
VCCDR
SYNCH
OSC
+25%
-25%
OVP
UVP
OVP
UVP
OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com