Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6738 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics L6738 Datasheet HTML 19Page - STMicroelectronics L6738 Datasheet HTML 20Page - STMicroelectronics L6738 Datasheet HTML 21Page - STMicroelectronics L6738 Datasheet HTML 22Page - STMicroelectronics L6738 Datasheet HTML 23Page - STMicroelectronics L6738 Datasheet HTML 24Page - STMicroelectronics L6738 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
L6738
High current embedded drivers
Doc ID 18133 Rev 1
21/32
Two main terms contribute in the device power dissipation: bias power and drivers' power.
Device Power (PDC) depends on the static consumption of the device through the
supply pins and it is simply quantifiable as follows:
Drivers' power is the power needed by the driver to continuously switch ON and OFF
the external MOSFETs; it is a function of the switching frequency and total gate charge
of the selected MOSFETs. It can be quantified considering that the total power PSW,
dissipated to switch the MOSFETs, is dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance.
This last term is the important one to be determined to calculate the device power
dissipation.
The total power dissipated to switch the MOSFETs for each phase featuring embedded
driver results:
where QGHS is the total gate charge of the HS MOSFETs and QGLS is the total gate
charge of the LS MOSFETs.
P
DC
V
CC
I
CC
V
VCCDR
I
VCCDR
+
=
P
SW
F
SW
Q
GHS
VCCDR
Q
GLS
VCCDR
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com