Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6738 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 14Page - STMicroelectronics L6738 Datasheet HTML 15Page - STMicroelectronics L6738 Datasheet HTML 16Page - STMicroelectronics L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics L6738 Datasheet HTML 19Page - STMicroelectronics L6738 Datasheet HTML 20Page - STMicroelectronics L6738 Datasheet HTML 21Page - STMicroelectronics L6738 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Main oscillator
L6738
18/32
Doc ID 18133 Rev 1
7
Main oscillator
The controller embeds a programmable oscillator. The internal oscillator generates the
sawtooth waveform for the PWM charging with a constant current and resetting an internal
capacitor. The switching frequency, FSW, is internally fixed at 200 kHz.
The current delivered to the oscillator is typically 20 µA (corresponding to the free running
frequency FSW= 200 kHz) and it may be varied using an external resistor (ROSC) typically
connected between the OSC pin and GND. As the OSC pin is fixed at 1.240 V, the
frequency is varied proportionally to the current sunk from the pin considering the internal
gain of 10 KHz/µA (see
Figure 7).
Connecting ROSC to GND, the frequency is increased (current is sunk from the pin),
according to the following relationships:
Connecting ROSC to a positive voltage, the frequency is reduced (current is forced into the
pin), according to the following relationships:
where +V is the positive voltage to which the ROSC resistor is connected.
Figure 7.
ROSC vs. switching frequency
F
SW
200kHz
1.240V
R
OSC
-------------------
10
kHz
µA
-----------
⋅
+
=
F
SW
200kHz
+V
1.240
–
R
OSC
----------------------------
10
kHz
µA
-----------
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com