Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA216 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
Frequency (Hz)
16
14
12
10
8
6
4
2
0
2
-
-0.4
-0.3
-0.2
0.1
0
0.1
0.2
0.3
0.4
V
(mV)
SENSE
I
B-
I
Q
Normal Range
of Operation
V+
(V+)
0.05
-
(V+)
0.10
-
(V+)
0.15
-
(V+)
0.20
-
(V+)
0.25
-
(V+)
0.30
-
GND + 0.30
GND + 0.25
GND + 0.20
GND + 0.15
GND + 0.10
GND + 0.05
GND
Output Current (mA)
0
1
2
3
4
5
6
T = 40 C
-
A
T = +25 C
T = +125 C
A
A
?
?
?
Sinking
Sourcing
20
180
140
100
60
1
10
100
1k
10k
Frequency(Hz)
Time(1s/div)
Time(100 s/div)
m
80mV
InputSignal
PP
2V
OutputSignal
PP
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
The INA216A1 is used for typical characteristic measurements at TA = +25°C, VS = +4.2V, unless otherwise noted.
QUIESCENT CURRENT AND NEGATIVE INPUT BIAS
COMMON-MODE REJECTION RATIO vs FREQUENCY
CURRENT vs VSENSE
Figure 7.
Figure 8.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
INPUT-REFERRED VOLTAGE NOISE vs FREQUENCY
Figure 9.
Figure 10.
STEP RESPONSE
0.1Hz to 10Hz VOLTAGE NOISE, RTI
(80mVPP Input Step)
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com